Part Number Hot Search : 
LAG665 UM82C206 HE311 00BZX J100A TMP86 1N5241B SA211
Product Description
Full Text Search
 

To Download APT15DQ100KG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  053-4226 rev a 6-2005 new diode data sheet by darel bidwell product benefits ? low losses ? low noise switching ? cooler operation ? higher reliability systems ? increased system power density product features ? ultrafast recovery times ? soft recovery characteristics ? popular to-220 package ? low forward voltage ? low leakage current ? avalanche energy rated p roduct applications ? anti-parallel diode -switchmode power supply -inverters ? free wheeling diode -motor controllers -converters -inverters ? snubber diode ? pfc ultrafast soft recovery rectifier diode 10 00v 15a apt15dq100k APT15DQ100KG* *g denotes rohs compliant, pb free terminal finish. maximum ratings all ratings: t c = 25c unless otherwise speci?ed. ? apt w ebsite - http://www .a dv ancedpo we r. com static electrical characteristics symbol v f i rm c t unit volts a pf min typ max 2.5 3.0 3.06 1.92 100 500 12 characteristic / test conditions forward voltage maximum reverse leakage current junction capacitance, v r = 200v i f = 15a i f = 30a i f = 15a, t j = 125c v r = 1000v v r = 1000v, t j = 125c characteristic / test conditions maximum d.c. reverse voltage maximum peak repetitive reverse voltage maximum working peak reverse voltage maximum average forward current (t c = 126c, duty cycle = 0.5) rms forward current (square wave, 50% duty) non-repetitive forward surge current (t j = 45c, 8.3ms) avalanche energy (1a, 40mh) operating and storagetemperature range lead temperature for 10 sec. symbol v r v rrm v rwm i f(av) i f(rms) i fsm e avl t j ,t stg t l unit volts amps mj c apt15dq100k(g) 1000 15 29 80 20 -55 to 175 300 1 - cathode 2 - anode back of case - cathode 1 2 to-220 1 2 (k)
min typ max - 20 - 235 - 185 - 3 - - 300 - 810 - 6 - - 125 - 1150 - 19 unit ns nc amp s ns nc amp s ns nc amps characteristic reverse recovery time reverse recovery time reverse recovery charge maximum reverse recovery current reverse recovery time reverse recovery charge maximum reverse recovery current reverse recovery time reverse recovery charge maximum reverse recovery current symbol t rr t rr q r r i r rm t rr q r r i rrm t rr q r r i r rm test conditions i f = 15a, di f /dt = -200a/ s v r = 667v, t c = 25 c i f = 15a, di f /dt = -200a/ s v r = 667v, t c = 125 c i f = 15a, di f /dt = -1000a/ s v r = 667v, t c = 125 c i f = 1a, di f /dt = -100a/ s, v r = 30v, t j = 25 c apt15dq100k(g) dynamic characteristics 053-4226 rev a 6-2005 apt reserves the right to change, without notice, the speci?cations and information contained herein. new diode data sheet by darel bidwell z jc , thermal impedance (c/w) 10 -5 10 -4 10 -3 10 -2 10 -1 1.0 rectangular pulse duration (seconds) figure 1a. maximum effective transient thermal impedance, junction-to-case vs. pulse duration 1.20 1.00 0.80 0.60 0.40 0.20 0 0.5 single pulse 0.1 0.3 0.7 0.05 figure 1b, transient thermal impedance model peak t j = p dm x z jc + t c duty factor d = t 1 / t 2 t 2 t 1 p dm note : thermal and mechanical characteristics characteristic / test conditions junction-to-case thermal resistance package weight maximum mounting torque symbol r jc w t torque min typ max 1.18 0.07 1.9 10 1.1 unit c/w oz g lb?in n?m d = 0.9 0.676 0.504 0.00147 0.0440 powe r (watts ) rc mode l junctio n temp ( c) case temperatur e ( c)
053-4226 rev a 6-2005 apt15dq100k(g) typical performance curves t j = 125 c v r = 667v 7.5a 15a 30a t rr q rr q rr t rr i rrm 400 350 300 250 200 150 100 50 0 25 20 15 10 5 0 duty cycle = 0.5 t j = 175 c 35 30 25 20 15 10 5 0 1.2 1.0 0.8 0.6 0.4 0.2 0.0 80 70 60 50 40 30 20 10 0 c j , junction capacitance k f , dynamic paramete rs (pf) (normalized to 1000a/ s) i f(av) (a) t j , junction temperature ( c) case temperature ( c) figure 6. dynamic parameters vs. junction temperature figure 7. maximum average forward current vs. casetemperature v r , reverse voltage (v) figure 8. junction capacitance vs. reverse voltage 45 40 35 30 25 20 15 10 5 0 2000 1800 1600 1400 1200 1000 800 600 400 200 0 v f , anode-to-cathode voltage (v) -di f /dt, current rate of change(a/ s) figure 2. forward current vs. forward voltage figure 3. reverse recovery time vs. current rate of change -di f /dt, current rate of change (a/ s) -di f /dt, current rate of change (a/ s) figure 4. reverse recovery charge vs. current rate of change figure 5. reverse recovery current vs. current rate of change q rr , reverse recovery charge i f , forward current (nc) (a) i rrm , reverse recovery current t rr , reverse recovery time (a) (ns) t j = 125 c v r = 667v t j = 175 c t j = -55 c t j = 25 c t j = 125 c 0 1 2 3 4 0 200 400 600 800 1000 1200 0 200 400 600 800 1000 1200 0 200 400 600 800 1000 1200 t j = 125 c v r = 667v 30a 7.5a 15a 30a 15a 7.5a 0 25 50 75 100 125 150 25 50 75 100 125 150 175 1 10 100 200
apt15dq100k(g) 053-4226 rev a 6-2005 apt10035lll 4 3 1 2 5 5 zer o 1 2 3 4 di f /d t - rate of diode current change through zero crossing. i f - forward conduction current i rrm - maximum reverse recovery current . t rr - revers e r ecovery time, measured from zero crossing wher e diode q rr - area under the curve defined by i rrm and t rr . current goes from positive to negative, to the point at which the straight line through i rrm and 0.25 i rrm passes through zero . figure 9. diode test circui t figure 10, diode reverse recovery waveform and definition s 0.25 i rrm pearson 2878 current transformer di f /d t adjus t 30 h d.u.t. +18v 0v v r t rr / q rr wavefor m apts products are covered by one or more of u.s.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. us and foreign pat ents pending. all rights reserved. to-220 (k) package outline 5.33 (.210) 4.83 (.190) 14.73 (.580) 12.70 (.500) 1.01 (.040) 2-plcs. .83 (.033) 5.33 (.210) 4.83 (.190) 4.82 (.190) 3.56 (.140) 1.39 (.055) 0.51 (.020) 4.08 (.161) dia . 3.54 (.139) 0.080 (2.032) max. 6.85 (.270) 5.85 (.230) 1.77 (.070) 2-plcs. 1.15 (.045) 2.92 (.115) 2.04 (.080) 3.42 (.135) 2.54 (.100) 0.50 (.020) 0.41 (.016) anode cathode dimensions in millimeters and (inches) cathode max. 12.192 (.480) 9.912 (.390) 3.683 (.145) 10.66 (.420) 9.66 (.380) e3 100% sn


▲Up To Search▲   

 
Price & Availability of APT15DQ100KG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X